PART |
Description |
Maker |
AMS3102CM1 AMS3102AM-50 AMS3102AM-X AMS3102AL-33 A |
300mA LOW DROPOUT VOLTAGE REGULATOR 4.0V 300mA low dropout voltage regulator MB 15C 14#20 1#16 SKT RECP 300mA低压差稳压器 MB 18C 18#20 PIN RECP 300mA低压差稳压器 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125 300mA低压差稳压器 300mA LOW DROPOUT VOLTAGE REGULATOR 300mA低压差稳压器 TERMINAL BLOCK 7MM HORZ 7POS PCB MB 15C 14#20 1#16 SKT PLUG MB 12C 8#20 4#16 SKT RECP MB 8C 8#16 SKT RECP MB 12C 8#20 4#16 PIN RECP MB 15C 14#20 1#16 PIN RECP 8-Input Universal Shift/Storage Register with Common Parallel I/O Pins and Asynchronous Reset 20-SOIC -55 to 125 2.5V 300mA low dropout voltage regulator 2.0V 300mA low dropout voltage regulator 5.0V 300mA low dropout voltage regulator 3.0V 300mA low dropout voltage regulator 3.3V 300mA low dropout voltage regulator
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|
CM3015-33ST CM3015 CM3015-00 CM3015-00MA CM3015-00 |
Micropower, 300mA Low Dropout CMOS Regulator
|
CALMIRCO[California Micro Devices Corp]
|
LTC1258CS8 LTC1258CMS8 LTC1258CMS8-5 LTC1258CS8-4. |
Micropower Low Dropout References(3V输出,微功耗,低压差电压基 微功率低压差参考(3V的输出,微功耗,低压差电压基准) Micropower Low Dropout References(4.1V输出,微功耗,低压差电压基 Micropower Low Dropout References(2.5V输出,微功耗,低压差电压基
|
Linear Technology, Corp. Linear Technology Corporation
|
SPX2808M3-3.3_TR SPX2808M3-3.5_TR SPX2808 SPX2808M |
300mA Low Dropout Voltage Regulator 300mA Low Dropout Voltage Regulator, 3% 300mA Low Dropout Voltage Regulator, 2% 3.5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO4 LEAD FREE, SOT-223, 3 PIN 3.5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO3 LEAD FREE, SOT-89, 3 PIN
|
SIPEX[Sipex Corporation] Exar, Corp.
|
AMC8877-1.8DBT AMC8877-2.5DBT AMC8877-2.8DBT AMC88 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护 LOW NOISE 300mA LOW DROPOUT REGULATOR
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] ADD Microtech Corp
|
SPX1521 SPX1521M3 SPX1521M3-2.5 SPX1521M3-3.3 SPX1 |
300mA Low Dropout Voltage Regulator 300mA低压差稳压器 Subminiature - Sealed MICROSWITCH, SPDT, PLUNGER ACTUATOR; Current, contact AC:5A; Force, operating:204gf; Travel, pre:1.0mm; Centres, fixing LxW:22.2mm; Temp, op. max:120(degree C); Temp, op. min:-40(degree C); Length / Height, external:9.25mm; Width, RoHS Compliant: Yes 300mA Low Dropout Voltage Regulator, 1%
|
NXP Semiconductors N.V. http:// SIPEX[Sipex Corporation]
|
LTC1844-1.8 1844IA LTC1844ES5-1.8 LTC1844ES5-2.5 L |
150mA, Micropower, Low Noise, VLDO Linear Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 Hex Inverter 14-SOIC -40 to 85 150mA/ Micropower/ Low Noise/ VLDO Linear Regulator 150mA Micropower, Low Noise, Ultralow Dropout LDO From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
MAX8887EZK29-T MAX8887EZK33-T MAX8888EZK33-T MAX88 |
Low-Dropout, 300mA Linear Regulators in SOT23 2.1 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MC33264-D MC33264DM-5.0 |
LOW DROPOUT MICROPOWER VOLTAGE REGULATORS WITH ON/OFF CONTROL 5 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 Micropower smallCAPE Voltage Regulators with On/Off Control
|
ON Semiconductor
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
NJW4184 |
High Voltage Very low current consumption Io=300mA Low Dropout Regulator
|
New Japan Radio
|